PART |
Description |
Maker |
FDP20N50F |
N-Channel MOSFET, FRFET 500V, 20A, 0.26Ω N-Channel MOSFET, FRFET 500V, 20A, 0.26ヘ
|
http:// Fairchild Semiconductor
|
FDA20N50 FDA20N50F109 |
N-Channel UniFET-TM MOSFET 500V, 20A, 230mOhms N-Channel UniFETTM MOSFET 500V, 22A, 230m
|
Fairchild Semiconductor
|
STP20NK50Z STW20NK50Z |
N-CHANNEL POWER MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 500V - 0.23 OHM - 20A TO-220/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB20NM5007 STB20NM50 STP20NM50 STB20NM50-1 STP20N |
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh Power MOSFET N-channel 500V - 0.20ヘ - 20A - TO220/FP-D2PAK-I2PAK MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
IRFP460A IRFP460APBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V Rds(on)max=0.27ohm Id=20A) Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.27ohm,身份证\u003d 20A条)
|
IXYS Corporation IRF[International Rectifier] International Rectifier, Corp.
|
IRHI7460SE |
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
|
IRF[International Rectifier]
|
STB20NM50 STB20NM50-1 STP20NM50 STP20NM50FP |
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmeshPower MOSFET
|
STMicroelectronics
|
STB20PF75 STB20PF75T4 |
P-CHANNEL 75V - 0.10 OHM - 20A DPAK STripFETII POWER MOSFET P-CHANNEL 75V - 0.10 ?- 20A D2PAK STripFET II POWER MOSFET P-CHANNEL 75V - 0.10 з - 20A D?PAK STripFETII POWER MOSFET P通道75V 0.10з - 20A?巴基斯STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
FDPF13N50FT FDP13N50F |
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel MOSFET 500V, 12A, 0.54ヘ N-Channel MOSFET 500V, 12A, 0.54Ω
|
FAIRCHILD SEMICONDUCTOR CORP
|
2SK2196 |
VX-2 Series Power MOSFET(500V 20A)
|
Shindengen Electric Manufacturing Company, Ltd.
|